PART |
Description |
Maker |
DA2383-AL DA2383-ALD |
Flyback Transformer PoE transformer, for NSC LM5071, 3.3V, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MH1500AM MT500AM MH250AE MH250AJ MH250JE MH1000PR |
POWER TRANSFORMER, 1500 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 250 VA POWER TRANSFORMER, 1000 VA POWER TRANSFORMER, 750 VA
|
|
WBC9-1LC WBC9-1LB WBC4-1WLC WBC4-14LC WBC4-4LB WBC |
Wideband RF transformer, SMT, RoHS 0.3 MHz - 500 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.5 MHz - 1000 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 1.5 MHz - 1200 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.25 MHz - 800 MHz RF TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
AS8696-B |
DSL transformer, for Alcatel MTK-20140, not RoHS TELECOM TRANSFORMER
|
Coilcraft, Inc.
|
EPC3408G-LF |
PoE Synchronous Flyback Transformer SMPS TRANSFORMER LEAD FREE
|
PCA ELECTRONICS INC. Integrated Device Technology, Inc.
|
S553-6500-E2 |
HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module TELECOM TRANSFORMER
|
Bel Fuse, Inc.
|
H27650-A H28224-B H27695-A H28223-B H27649-B H2815 |
HDSL2 Transformers DSL transformer, for Level One SK7074x, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
S5394-CL U6982-CL Q4470-CL S5499-DL T6437-DL T6650 |
Miniature SMT Transformers Transformer, miniature, 5-24V, SMT, RoHS PULSE TRANSFORMER FOR GATE DRIVE; RS-485, RS-232 DATA INTERFACE APPLICATION(S) Transformer, miniature, 3.3-5V, SMT, RoHS
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
FL3209-2LB FL3209-1LB FL3209-3LD COILCRAFTINC-FL32 |
Transformer, CCFL, SMT, RoHS 3.5 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
MABA-007532-CF18A0 MABA-007532-CF18TB MABA-007532- |
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
|